PART |
Description |
Maker |
MAX338 MAX3385E MAX3385ECAP MAX3385ECWN MAX3385EEA |
2.35V to 5.5V / 1A / 2Tx/2Rx RS-232 Transceivers with 15kV ESD-Protected I/O and Logic Pins LINE TRANSCEIVER, PDSO20 15kV ESD-Protected / 3.0V to 5.5V / Low-Power / up to 250kbps / True RS-232 Transceiver ±15kV ESD-Protected, 3.0 to 5.5V, Low-Power, Up to 250kbps, True RS-232 Transceiver ±15kV ESD-Protected, 3.0V to 5.5V, Low-Power,up to 250kbps, True RS-232 Transceiver 【15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver ±15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver
|
MAXIM INTEGRATED PRODUCTS INC MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products]
|
ST3222E ST3222EBD ST3222EBDR ST3222EBPR ST3222EBTR |
15 KV ESD PROTECTED 3 TO 5.5V, LOW POWER, UP TO 250KBPS RS-232 DRIVERS AND RECEIVERS 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V的高速RS - 232收发器与0.1uF电容 【15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER, UP TO 250KBPS, RS-232 DRIVERS AND RECEIVERS ±15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER, UP TO 250KBPS, RS-232 DRIVERS AND RECEIVERS
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
ISL3170E07 ISL3174EIBZ ISL3177E ISL3177EIBZ ISL317 |
??5kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers 3.3V Full Duplex, 500kbps Slew Rate Limited With Enable, IEC61000 ESD Protected, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 10-MSOP T&R 3.3V Full Duplex, 20Mbps With Enable, IEC61000 ESD Protected, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R LINE TRANSCEIVER, PDSO14 5kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO10 5kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO8 【15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers 卤15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers ±15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
|
Intersil, Corp. Intersil Corporation
|
STC3232E |
High ESD-Protected Low Power 3.3V to 5.5V True RS-232 Transceivers
|
ETC
|
ISL8488E07 ISL8490E ISL8490EIBZ ISL8491E ISL8491EI |
±15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers 隆戮15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers 【15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
|
Intersil Corporation
|
ISL3178AEMBZ ISL3178AEMW |
±15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers 隆戮15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
|
Intersil Corporation
|
ISL8485E ISL8483EIP ISL8483EIB ISL8485ECB ISL8485E |
ESD Protected to 15kV 5V Low Power High Speed or Slew Rate Limited RS-485/RS-422 Transceivers ESD Protected to 15kV/ 5V/ Low Power/ High Speed or Slew Rate Limited/ RS-485/RS-422 Transceivers ESD PROTECTED TO 【15KV, 5V, LOW POWER, HIGH SPEED OR SLEW RATE LIMITED, RS-485/RS-422 TRANSCEIVERS
|
INTERSIL[Intersil Corporation]
|
ISL8487EIB-T ISL8487EIBZ-T ISL81487EIPZ |
15kV ESD Protected 1/8 Unit Load 5V Low Power High Speed or Slew Rate Limited RS-485/RS-422 Transceivers
|
Intersil
|
EMIF04-MMC02F1 EMIF04-MMC02 |
4 LINES EMI FILTER INCLUDING ESD PROTECTION 4号线的EMI滤波器,ESD保护 ±15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers; Temperature Range: -40°C to 85°C; Package: 14-SOIC 4 LINES EMI FILTER INCLUDING ESD PROTECTION
|
STMicroelectronics N.V. 意法半导 ST Microelectronics
|
MAX3180E MAX3180EEUK-T MAX3181EEUK-T MAX3182EEUK-T |
±15kV ESD-Protected, 0.5µA, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23 5 15kV ESD-Protected, 0.5A, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5 "?à15kV ESD-Protected, 0.5?A, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23 5" ±15kV ESD-Protected, 0.5μA, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5 15kV ESD-Protected 0.5A 3V to 5.5V 1.5Mbps RS-232 Receivers in SOT23-5 15kV ESD-Protected / 0.5A / 3V to 5.5V / 1.5Mbps RS-232 Receivers in SOT23-5 5kV ESD-Protected, 0.5レA, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5 LINE RECEIVER, PDSO5
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ST485E07 ST485EXN ST485E ST485EBD ST485EBDR ST485E |
±15KV ESD protected, low power RS-485/RS-422 transceiver 【15KV ESD protected, low power RS-485/RS-422 transceiver
|
STMICROELECTRONICS[STMicroelectronics]
|
|